Part Number Hot Search : 
703W0002 T106M1 RL201 LS7083 906CD RN1107FT ATV101 M3595
Product Description
Full Text Search
 

To Download MBR850 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  100 40 45 50 60 80 40 45 50 60 80 100 2831.535425670 2.0 150 8.0 0.5 15 250 siyu r v ma pf i r cj ? ta= 25 ? v r = 4.0v, f = 1mhz ta = 25 electrical characteristics ratings at 25 ambient temperature unless otherwise specified. unit symbols ta=100 maximum forward voltage maximum reverse current type junction capacitance v f -55--- +150 v v v a a /w v rrm v rms v dc i f(av) i fsm ?? ta = 25 maximum ratings & thermal characteristics ratings at 25 ambient temperature unless otherwise specified. ??? maximum repetitive peak reverse voltage ? maximum rms voltage ??? maximum dc blocking voltage ? maximum average forward rectified current ?? 8.3ms??? peak forward surge current 8.3 ms single half sine-wave typical thermal resistance o?? symbols unit operating junction and storage temperature range tj, tstg r jc features mechanical data ? : ?? case: molded plastic : ???? polarity: symbols molded or marked on body ? : mounting position: any ??? low power loss high efficiency mbr 840 mbr840 ...... mbr8200 ? ? 40---200v 8.0 a schottky barrier rectifier reverse voltage 40 to 200 v forward current 8.0 a mbr 845 mbr 850 mbr 860 mbr 880 mbr 8100 mbr 840 mbr 845 mbr 850 mbr 860 mbr 880 mbr 8150 ?? low forward voltage drop high current capability i f = 8.0a 0.70 0.80 dachang electronics mbr 8100 mbr 8200 mbr 8150 mbr 8200 150 150 105 200 200 140 0.95 ???rohs? lead and body according with rohs standard 0.85 0.99 12 .420(10.67) .380(9.65) .270(6.86) .230(5.84) .138(3.5) max .028(0.7) .019(0.5) .138(3.5) .118(3.0) .109(2.79) .090(2.29) .109(2.79) .090(2.29) .500(12.70) min .115(2.92) .080(2.03) .025(0.65) max .625(15.88) .560(14.22) .054(1.4) .045(1.14) .189(4.8) .138(3.5) unit inch mm to-220ac 1 2 ?? : ?? 0.3 ? * mounting torque recommend 0.3 n*m
siyu r ? tc( c ) ? ?? i fsm (a) ? i f(av) (a) ??? characteristic curves forward current derating curve tc, case temperature (c) i f(a) average forward rectified current (a) maximum non repetitive peak forward surge current number of cycles at 60 hz. i fsm peak forward surge current (a) 10 8 6 4 50 0 0 2 150 100 0 30 60 90 120 150 180 1 10 100 i f (a) ?? ? v f (v) typical forward characteristic i f instantaneous forward current (a) v f instantaneous forward voltage (v) dachang electronics mbr840 ...... mbr8200 t j =25c 100 10 1.0 0.1 0 0.4 0.8 1.2 1.6 mbr840 - mbr845 MBR850 - mbr860 mbr8100 mbr8150 mbr8200


▲Up To Search▲   

 
Price & Availability of MBR850

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X